PART |
Description |
Maker |
LTC2312 LTC2313 LTC2314 LTC2315 |
12-Bit/14-Bit, 5Msps/4.5Msps/ 2.5Msps/500ksps/Serial, High Speed SAR ADCs
|
Linear Technology
|
LTC2321 |
Dual 16-Bit/14-Bit/12-Bit, 5Msps/2Msps, Serial, High Speed SAR ADCs
|
Linear Technology
|
LTC2355-14 LTC2355CMSE-12 |
Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
|
Linear Technology
|
LTC1411 LTC1411CG LTC1411IG |
Single Supply 14-Bit 2.5Msps ADC; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO36 5V, Single Supply 14-Bit 2.5Msps, Parallel Interface
|
Linear Technology, Corp.
|
MAX1203BC/D MAX1202BC/D MAX1202AEPP MAX1202BCAP |
5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 Scan Test Devices With 18-Bit Bus Transceivers 56-SSOP -40 to 85 DIODE VOLTAGE SUPPRESSOR 170V 5v / 8-cHANNEL / sERIAL / 12-bIT adcS WITH 3v dIGITAL iNTERFACE
|
Maxim Integrated Products, Inc.
|
LTC1092 LTC1093AC LTC1093ACN LTC1092ACN8 LTC1094 L |
1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems 2-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP8 1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems 1 - - -通道10位串行I / O数据采集系统 1-/ 2-/ 6- and 8-Channel/ 10-Bit Serial I/O Data Acquisition Systems LinCMOS(TM) Precision Quad Operational Amplifier 14-SOIC -40 to 85
|
Linear Technology, Corp. Linear Technology Corporation http://
|
AD7871 AD7871TQ AD7872AN AD7872KR AD7871KN AD7872J |
CMOS, Complete 14-Bit Sampling ADC with Serial Output CMOS, Complete 14-Bit, Sampling ADC with Three Data Output Formats 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP16 10-Bit, 20 MSPS ADC SE/Diff Inputs with Int References and 9.5 bit ENOB 28-SOIC -40 to 85 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDIP28 LC2MOS Complete 14-Bit, Sampling ADCs 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 LC2MOS Complete 14-Bit/ Sampling ADCs
|
ANALOG DEVICES INC Analog Devices, Inc.
|
IS24C08A-3PLA3 IS24C02A-3SLA3 |
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
Integrated Silicon Solution, Inc.
|
W25X20AVDAIZ W25X40AVDAIZ W25X80AVDAIZ W25X40AVSNI |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
W25X10L W25X20L W25X10LSNEG W25X80L W25X80LZPEG W2 |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
LTC2351IUH-12TRPBF LTC2351-12-15 |
6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 85°C 6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC With Shutdown
|
LINEAR TECHNOLOGY CORP
|